Part Number Hot Search : 
SN67D07B F5Y954 87VT50D A25CB 2N7002S PLA190 ZMC120 MAX15
Product Description
Full Text Search
 

To Download BYW95A05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYW95A - BYW96E
PRV : 200 - 1000 Volts Io : 3.0 Amperes
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Fast switching for high efficiency
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES DO-201AD
0.21 (5.33) 0.19 (4.82)
1.00 (25.4) MIN.
0.375 (9.52) 0.285 (7.24)
* Pb / RoHS Free
MECHANICAL DATA :
* Case : DO-201AD Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 1.16 grams
0.052 (1.32) 0.048 (1.22)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING Maximum Repetitive Peak Reverse Voltage Maximum Continuous Reverse Voltage Min. Reverse Avalanche Breakdown Voltage @ IR = 0.1 mA Maximum Average Forward Current Ttp= 60 C (Note 1) Maximum Non-Repetitive Peak Forward Surge Current Maximum Repetitive Peak Forward Current Maximum Forward Voltage at IF = 5.0 Amps. Maximum Reverse Current at Reverse Voltage Maximum Reverse Current at Reverse Voltage Tj = 165 C Maximum Reverse Recovery Time (Note 2) Thermal Resistance - Junction to Ambient Junction Temperature Range Storage Temperature Range
Notes : (1) Lead Length 10 mm. (2) Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A
SYMBOL VRRM VR V(BR)R-min IF(AV) IFSM IFRM VF IR IR(H) Trr RJA TJ TSTG
BYW 95A 200 200 300
BYW 95B 400 400 500
BYW 95C 600 600 700 3.0 70 15 1.5 5.0 150
BYW 96D 800 800 900
BYW 96E 1000 1000 1100
UNIT V V V A A A V A A
250 75 - 65 to + 175 - 65 to + 175
300
ns K/W C C
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( BYW95A - BYW96E )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 10 + 0.5 A D.U.T. 50 Vdc (approx) 1 PULSE GENERATOR ( NOTE 2 ) OSCILLOSCOPE ( NOTE 1 ) 0 - 0.25 A Trr
+
- 1.0 A SET TIME BASE FOR 50/100 ns/cm
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF. 2. Rise time = 10 ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types.
1 cm
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
3.0 100
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
2.4
80
1.8
60
1.2
40
0.6
20
0
0
25
50
75
100
125
150
175
0
1
2
4
6
10
20
40
60
100
TIE-POINT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
10 10
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
TJ = 100 C
FORWARD CURRENT, AMPERES
REVERSE CURRENT, MICROAMPERES
10 Pulse Width = 300 s 2% Duty Cycle TJ = 25 C 1.0
1.0
0.1 TJ = 25 C
0.1
0.01 0 20 40 60 80 100 12 0 140
0.0 0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3.0
PERCENT OF RATED REVERSE VOLTAGE, (%) FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of BYW95A05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X